Part Number Hot Search : 
LX5514LL ADTR2 GZB30 VCT3832A HCT652 01301 AM2321P A101218
Product Description
Full Text Search
 

To Download NE3509M04-T2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  caution observe precautions when handling because these devices are sensitive to electrostatic discharge. hetero junction field effect transistor ne3509m04 l to s band low noise amplifier n-channel hj-fet features ? super low noise figure and high associated gain nf = 0.4 db t yp., g a = 17.5 db t yp. @ f = 2 ghz, v ds = 2 v, i d = 10 ma ? f l at-lead 4-pin thin-ty pe super minimold (m04) package applications ? satellite radio (sdars , dmb, etc.) antenna lna ? gps antenna lna ? low noise amplifier for microw ave communication sy stem ordering information part number order number package quantity marking supply i ng form ne3509m04 ne3509m04-a 50 pcs (non reel) v 80 n e 3 5 0 9 m 0 4 - t 2 n e 3 5 0 9 m 0 4 - t 2 - a flat-lead 4-pin thin- ty pe super minimold (m04) (pb-free) 3 kpcs/r eel ? 8 mm w i de embossed taping ? pin 1 (source), pin 2 (drain) face the perforation side of the tape remark t o order evaluation samples, contact y our nearby sales office. part number for sample order: ne3509m04 absolute maximum ratings (t a = +25 c) p a r a m e t e r s y m b o l r a t i n g s u n i t drain to source voltage v ds 4 . 0 v gate to source voltage v gs ? 3 . 0 v drain current i d i dss m a gate current i g 2 0 0 a total pow e r dissipation p tot note 1 5 0 m w channel temperature t ch + 1 5 0 c storage temperature t st g ? 65 to +150 c note mounted on 1.08 cm 2 1.0 mm (t) glass epoxy pcb document no. pg10608ej01v0ds (1st edition) date published april 2006 ns cp(k)
ne3509m04 recommended operating conditions (t a = +25 c) p a r a m e t e r s y m b o l m i n . ty p . m a x . u n i t drain to source voltage v ds ? 2 3 v drain current i d ? 1 0 2 0 m a input pow e r p in ? ? 0 d b m electrical characteristics (t a = +25 c, unless otherw ise specified) p a r a m e t e r s y m b o l t e s t c o n d i t i o n s m i n . ty p . m a x . u n i t gate to source leak current i gs o v gs = ? 3 v ? 0 . 5 1 0 a saturated drain current i dss v ds = 2 v, v gs = 0 v 30 45 60 ma gate to source cutoff voltage v g s ( o ff) v ds = 2 v, i d = 50 a ? 0.25 ? 0.5 ? 0 . 7 5 v t r a n s c o n d u c t a n c e g m v ds = 2 v, i d = 10 ma 80 ? ? ms noise figure nf v ds = 2 v, i d = 10 ma, f = 2 ghz ? 0 . 4 0 . 7 d b associated g a in g a 1 6 1 7 . 5 ? db gain 1 db compression p o (1 d b ) v ds = 2 v, i d = 10 ma (non-rf), ? 11 ? dbm output pow e r f = 2 ghz data sheet pg10608ej01v0ds 2
ne3509m04 typical characteristics (t a = +25 c, unless otherw ise specified) drain current i d (ma) drain to source voltage v ds (v) drain to source voltage drain current vs. drain current i d (ma) minimum noise figure nf min (db) associated gain g a (db) associated gain vs. drain current minimum noise figure, minimum noise figure nf min (db) associated gain g a (db) vs. drain to source voltage minimum noise figure, associated gain drain to source voltage v ds (v) total power dissipation p tot (mw) ambient temperature t a (?c) vs. ambient temperature total power dissipation 250 200 150 100 50 0 50 100 150 200 250 mounted on glass epoxy pcb (1.08 cm 2 1.0 mm (t) ) drain current i d (ma) gate to source voltage v gs (v) drain current vs. gate to source voltage frequency f (ghz) minimum noise figure nf min (db) associated gain g a (db) associated gain vs. frequency minimum noise figure, v ds = 2 v 50 45 40 35 30 25 20 15 10 5 0 ?.0 ?.8 ?.6 ?.4 ?.2 0 2.0 1.2 1.4 1.6 1.8 0.6 0.8 1.0 0.2 0.4 0.0 20 6 8 10 12 14 18 4 2 16 0 0 5 10 15 nf min g a v ds = 2 v i d = 10 ma 100 20 40 60 80 0 12345 v gs = 0 v 0.2 v 0.3 v 0.1 v 0.4 v 0.5 v 10 02 0 4 0 30 f = 2.0 ghz v ds = 2 v 2.0 1.2 1.4 1.6 1.8 0.6 0.8 1.0 0.2 0.4 0.0 20 12 14 16 18 6 8 10 2 4 0 nf min g a 3.0 1.0 1.5 2.0 2.5 3.5 2.0 1.2 1.4 1.6 1.8 0.6 0.8 1.0 0.2 0.4 0.0 20 12 14 16 18 6 8 10 2 4 0 nf min g a f = 2.0 ghz, i d = 10 ma remark t he graphs indicate nominal characteristics. data sheet pg10608ej01v0ds 3
ne3509m04 drain current i d (ma) minimum noise figure nf min (db) associated gain g a (db) associated gain vs. drain current minimum noise figure, minimum noise figure nf min (db) associated gain g a (db) vs. drain to source voltage minimum noise figure, associated gain drain to source voltage v ds (v) vs. input power output power, im 3, drain current 10 02 0 4 0 30 f = 2.5 ghz, v ds = 2 v 2.0 1.2 1.4 1.6 1.8 0.6 0.8 1.0 0.2 0.4 0.0 20 12 14 16 18 6 8 10 2 4 0 nf min g a 3.0 1.0 1.5 2.0 2.5 3.5 2.0 1.2 1.4 1.6 1.8 0.6 0.8 1.0 0.2 0.4 0.0 20 12 14 16 18 6 8 10 2 4 0 nf min g a f = 2.5 ghz, i d = 10 ma output power p out (2 tone) (dbm) 3rd order intermodulation distortion im 3 (dbm) input power p in (2 tone) (dbm) drain current i d (ma) 25 20 15 5 1 0 0 ?0 ? 15 40 30 20 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 10 0 50 0 30 35 40 45 25 5 10 15 20 f = 2.5 ghz, v ds = 2 v i d = 10 ma (non-rf) p out (2 tone) im 3 (l) im 3 (h) iip 3 = + 7.5 dbm oip 3 = + 25 dbm i d remark t he graphs indicate nominal characteristics. data sheet pg10608ej01v0ds 4
ne3509m04 s-parameters s-parameters/noise parameters are provided on our web site in a form (s2p) that enables direct import to a microwave circuit simulator without keyboard input. click here to download s-parameters. [rf and microwave] [device parameters] url http://www.ncsd.necel.com/ data sheet pg10608ej01v0ds 5
ne3509m04 package dimensions flat-lead 4-pin thin-type super minimold (m04) (unit: mm) pin connections 1. source 2. drain 3. source 4. gate 0.59?.05 0.11 +0.1 ?.05 (bottom view) 43 12 1.25 2.0?.1 1.30 (1.05) 0.60 0.65 0.65 0.65 1.30 1.25 2.0?.1 12 43 1.25?.1 2.05?.1 0.30 +0.1 ?.05 0.40 +0.1 ?.05 0.30 +0.1 ?.05 0.30 +0.1 ?.05 v80 data sheet pg10608ej01v0ds 6
ne3509m04 mounting pad dimensions (reference only) flat-lead 4-pin thin-type super mi nimold (m04) package (unit: mm) 2 1 3 4 0.6 1.6 1.25 1.3 0.6 0.5 data sheet pg10608ej01v0ds 7
ne3509m04 recommended soldering conditions t h is product should be soldered and mounted under the follow i ng recommended conditions. f o r soldering methods and conditions other t han those recommended below , contact y our nearby sales office. soldering method soldering c o n d i t i o n s c o n d i t i o n sy m b o l infrared reflow peak temperature (package surface temperature) : 260 c or below time at peak temperature : 10 seconds or less time at temperature of 220 c or higher : 60 seconds or less preheating time at 120 to 180 c : 120 30 seconds maximum number of reflow processes : 3 times maximum chlorine content of rosin fl ux (% mass) : 0.2%(wt.) or below ir260 partial heating peak temperature (terminal temperature) : 350 c or below soldering time (per side of device) : 3 seconds or less maximum chlorine content of rosin fl ux (% mass) : 0.2%(wt.) or below hs350 caution do not use different soldering met hods together (except for partial heating). data sheet pg10608ej01v0ds 8
4590 p a t r ick hen r y drive san t a c l ara, ca 9505 4- 181 7 teleph o n e : ( 408) 919- 25 00 facsim ile: ( 408 ) 988- 027 9 subject: compliance with eu dire ctives cel certifies, to its kno w ledge, that semicondu ctor and laser products detailed below are compliant with the requirements of european union (eu) directive 2002/95/ec restriction on use of hazardous substances in electrical and electron ic equipment (rohs) an d the requir e ments of eu directive 2003/11/ec restriction o n penta and octa bde. cel pb-free products ha ve the same base part n u mber with a suffix added. the suffix ?a indicates that the device is pb-fre e. the ?az suffix is use d to designa te devices containing pb which are exempted from the requirement of ro hs directive (*). in all cases the de vices have pb-free terminals. all devices with these suffixes meet the require ments of the rohs directive. this statu s is based on cel?s understanding of t he eu directives and kn owledge of the materials that go into its pr oducts as of the date of disclo s ure o f this inform ation. re st rict e d s u bst a n c e per rohs con c e n tratio n limit per rohs (value s are n o t yet fixed) con c e n tratio n contai ned in cel devices - a - a z lead (p b) < 100 0 ppm not dete cted (*) mercury < 100 0 ppm not dete cted cadmi u m < 100 ppm not dete cted hexavale nt chromi um < 100 0 ppm not dete cted pbb < 1000 ppm not detec t ed pbde < 1000 ppm not detec t ed if you should have any additional q uestions reg a rding our d e vices and compliance t o environme n tal standards, p l ease do not hesitate to contact your local representative. important inf o rm ation and disclaimer: infor m ation provided b y cel on its w ebsite or in other communi cations concertin g the subs tance content of its pro ducts represents know ledge and b e lief as of t he date that it is provided. cel bases its know ledge a n d belief on informa t ion provided b y t h ird parties and make s no representa t ion or w a rran t y a s to the accurac y of such information. efforts are u nder w a y to b e tte r integrate informa t ion from third pa rties. cel has ta ken and cont inue s to take reasona ble steps to provide repr esentative and ac cur a te information but ma y not h a ve conducted destructive testing or chemical analy s is on incoming ma terials and chemicals. cel and ce l suppliers consid er certain inform ation to be pro p ri etar y , and thus c as numbers and other limited information ma y not be availab le for release. in no event shall cel?s liability ari s ing out of such information e x cee d the total purch ase price of the cel part ( s) at issue s old by cel to customer on an annual basis. see cel te rms and conditions f o r additional cl arification of w a rran t ies and liability .


▲Up To Search▲   

 
Price & Availability of NE3509M04-T2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X